tda2822d dual low-voltage power amplifier supply voltage down to 1.8v lowcrossover distortion low quiescent current bridge or stereo configuration description the tda2822d is a monolithic integrated circuit in 8 lead (so-8) package. it is intended for use as dual audio power amplifier in portable cassette players, radios and cd players september 2003 ? application circuit so8 ordering number: tda2822d absolute maximum ratings symbol parameter value unit v s supply voltage 15 v i o peak output 1 a p tot total power dissipation t amb = 50 c 0.5 w t stg , t j storage and junction temperature -40 to 150 c 1/6
thermal data symbol description value unit r th j-amb thermal resistance junction-ambient max 200 c/w pin connection (top view) figure 1: stereo application and test circuit figure 2: bridge application and test circuit tda2822d 2/6
electrical characteristics (v s = 6v; t amb = 25c, unless otherwise specified. stereo (test circuit of fig. 1). symbol parameter test condition min. typ. max. unit v s supply voltage 1.8 15 v i d total quiescent drain current 15 ma v o quiescent output voltage 2.7 v v s = 3v 1.2 v i b input bias current 100 na p o output power (each channel) (f = 1khz, d = 10%) v s = 9v v s = 6v r l = 32 w v s = 4.5v v s = 3v v s = 2v 300 120 60 20 5 mw r l = 16 w v s = 6v 170 220 mw r l = 8 w v s = 6v 300 380 mw r l = 4 w v s = 4.5v v s = 3v 320 110 mw mw d distortion r l = 32 w p o = 40mw 0.2 % r l = 16 w p o = 75mw 0.2 % r l = 8 w p o = 150mw 0.2 % g v closed loop voltage gain f = 1khz 36 39 41 db d g v channel balance 1db r i input resistance f = 1khz 100 k w e n total input noise r s = 10k w b = curve a 2 m v r s = 10k w b = 22hz to 22khz 2.5 m v svr supply voltage rejection f = 100hz c1 = c2 = 100 m f24 30 db c s channel separation f = 1khz 50 db bridge (test circuit of fig.2) v s supply voltage 1.8 15 v i d total quiescent drain current r l = 15 ma v os output offset voltage (between the outputs) r l = 8 w 80 mv i b input bias current 100 na p o output power (f = 1khz, d = 10%) v s = 9v v s = 6v r l = 32 w v s = 4.5v v s = 3v v s = 2v 320 50 1000 400 200 65 8 mw r l = 16 w v s = 6v rl = 16w v s = 3v 800 120 mw mw r l = 8 w v s = 4.5v rl = 8w v s = 3v 700 220 mw mw r l = 4 w v s = 3v rl = 4w v s = 2v 350 80 mw mw d distortion r l = 8 w p o = 0.5w f = 1khz 0.2 % g v closed loop voltage gain f = 1khz 39 db r i input resistance f = 1khz 100 k w e n total input noise r s = 10k w b = curve a 2.5 m v r s = 10k w b = 22hz to 22khz 3 m v svr supply voltage rejection f = 100hz 40 db b power bandwidth (-3db) r l = 8 w p o = 1w 120 khz tda2822d 3/6
figure 3: supply voltage rejection vs. fre- quency figure 4: output power vs. supply voltage (thd = 10%, f = 1khz stereo) figure 5: total power dissipation vs. output power (bridge) figure 6: total power dissipation vs. output power (bridge) tda2822d 4/6
dim. mm inch min. typ. max. min. typ. max. a 1.75 0.069 a1 0.1 0.25 0.004 0.010 a2 1.65 0.065 a3 0.65 0.85 0.026 0.033 b 0.35 0.48 0.014 0.019 b1 0.19 0.25 0.007 0.010 c 0.25 0.5 0.010 0.020 c1 45 (typ.) d (1) 4.8 5.0 0.189 0.197 e 5.8 6.2 0.228 0.244 e 1.27 0.050 e3 3.81 0.150 f (1) 3.8 4.0 0.15 0.157 l 0.4 1.27 0.016 0.050 m 0.6 0.024 s8 (max.) (1) d and f do not include mold flash or protrusions. mold flash or potrusions shall not exceed 0.15mm (.006inch). so8 outline and mechanical data tda2822d 5/6
information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsib ility for the cons equences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specifications mentioned in this p ublication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectron ics products are not authorized for use as critical components in life support devices or systems without express written approval of stmicr oelectronics. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners ? 2003 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia C belgium - brazil - canada - china C czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - united states www.st.com tda2822d 6/6
|